PART |
Description |
Maker |
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
MUR660CT MUR605CT MUR610CT MUR640CT MUR620CT |
6.0A, 50V ultra fast recovery rectifier 6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 6.0A, 100V ultra fast recovery rectifier
|
MCC[Micro Commercial Components]
|
BYV34300M BYV34-500M BYV34-300M BYV34-400M BYV34-3 |
400V, 2x10A Dual Fast Recovery common cathode Rectifier diode 300V, 2x10A Dual Fast Recovery common cathode Rectifier diode HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS 5.0 AMP POSITIVE VOLTAGE REGULATOR 500V, 2x10A Dual Fast Recovery common cathode Rectifier diode
|
SemeLAB SEME-LAB[Seme LAB]
|
FFAF40U60DN FFAF40U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 40 A, 600 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY POWER RECTIFIER 40A/600V Ultra Fast Recovery Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
R9G20215AS R9G20415AS R9G20615AS R9G20815AS R9G212 |
200V, 1500A fast recovery single diode 400V, 1500A fast recovery single diode 600V, 1500A fast recovery single diode 800V, 1500A fast recovery single diode Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
|
Powerex Power Semiconductors
|
R5021010 R5020410 R5030410 R5031210 R5031010 R5020 |
1200V, 100A fast recovery single diode 1000V, 100A fast recovery single diode 800V, 100A fast recovery single diode 600V, 100A fast recovery single diode Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 快速恢复整流器00安培平均1200伏特 Fast Recovery Rectifier (100 Amperes Average 1200 Volts) 100 A, 400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (100 Amperes Average 1200 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
FFP15U20DN FFP15U20DNTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
3BH41 3GH41 EE08669 |
Silicon diffused type fast recovery diode for high speed rectifier applications FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS) From old datasheet system HIGH SPEED RECTIFIER APPLICATION (FAST RECOVERY)
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
R5021013 R5030413 R5031413 R5031213 R5031013 R5020 |
Fast Recovery Rectifier (125 Amperes Average 1400 Volts) Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 600 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 快速恢复整流器(一百二十五安培平均1400伏特 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 200 V, SILICON, RECTIFIER DIODE, DO-8 1600V, 125A fast recovery single diode
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|